Part Number Hot Search : 
68701 5257B MMSZ468 MMSZ468 ISR2060C SM140 SMBJ5933 4HC125
Product Description
Full Text Search
 

To Download 30PHA20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3A 200A Axial
SBD
Type:
30PHA20
OUTLINE DRAWING
FEATURES
* High VRM SBD * Low Forward Voltage Drop * Low Power Loss, High Efficiency * High Surge Capability
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Symbol VRRM IO IF(RMS) IFSM Tjw Tstg 60 3.0 1.4
Apporox Net Weight:1.19g
30PHA20 200 Tl=125C (Tl:Lead 50Hz Half Sine Temperature) Wave Resistive Load Ta=36C 4.71 50Hz Half Sine Wave,1cycle, Non-repetitive - 40 to + 150 - 40 to + 150
Unit V
A A A C C
Electrical/Thermal * Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage Symbol Conditions Tj= 25C, VRM= VRRM Tj= 25C, IFM= 3 A Junction to Lead Junction to Ambient Min. Typ. Max. 200 0.90 8 80 Unit A V C/W IRM VFM Rth(j-l) Thermal Resistance Rth(j-a) : Print Lands 5x5mm, Both sides
30PHA_ OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
30PHA20
20
INSTANTANEOUS FORWARD CURRENT (A)
10
5
2 Tj=25C Tj=150C 1
0.5
0.2
0
0.4
0.8
1.2
1.6
INSTANTANEOUS FORWARD VOLTAGE (V)
180 CONDUCTION ANGLE
0
AVERAGE FORWARD POWER DISSIPATION
30PHA20
D.C.
3.5
AVERAGE FORWARD POWER DISSIPATION (W)
3.0
RECT 180
2.5
HALF SINE WAVE RECT 120
2.0
RECT 60
1.5
1.0
0.5
0
0
1
2
3
4
5
AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 10 30PHA20
PEAK REVERSE CURRENT (mA)
5
2
0
40
80
120
160
200
PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
30PHA20
D.C.
2.0
AVERAGE REVERSE POWER DISSIPATION (W)
1.6
RECT 300
RECT 240
1.2
RECT 180
0.8
HALF SINE WAVE
0.4
0
0
40
80
120
160
200
REVERSE VOLTAGE (V)
180 CONDUCTION ANGLE
0
AVERAGE FORWARD CURRENT VS. LEAD TEMPERATURE
VRM=200V 30PHA20
D.C.
5
AVERAGE FORWARD CURRENT (A)
4
RECT 180
3
HALF SINE WAVE RECT 120
2
RECT 60
1
0
0
25
50
75
100
125
150
LEAD TEMPERATURE (C)
180 CONDUCTION ANGLE
0
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
Without Fin or P.C. Board, VRM=200V 30PHA20
D.C.
3.0
AVERAGE FORWARD CURRENT (A)
2.5
2.0
RECT 180. RECT 120. HALF SINE WAVE.
1.5
RECT 60.
1.0
0.5
0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Half Sine Wave,Non-Repetitive,No Load 70 30PHA20
60
SURGE FORWARD CURRENT (A)
50
40
30
20
I FSM 0.02s
10
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=25C,Vm=20mVRMS,f=100kHz,Typical Value 200 30PHA20
JUNCTION CAPACITANCE (pF)
100
50
20
10 0.5
1
2
5
10
20
50
100
200
500
REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of 30PHA20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X